PART |
Description |
Maker |
MAX907 |
Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators
|
MAXIM - Dallas Semiconductor
|
MAX4312GEEB5C |
High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
|
MAXIM - Dallas Semiconductor
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
ISL81483 ISL81483IB ISL81483IP ISL81487IB ISL81487 |
1/8 UNIT LOAD, 5V, LOW POWER, HIGH SPEED OR SLEW RATE LIMITED, RS-485/RS-422 TRANSCEIVERS 1/8 Unit Load/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 7V; 1/8 unit load, 5V, low power, high speed or slew rate limited, RS-485/RS-422 transceiver. For high node count networks, automated utility meter reading systems, factory automation, security networks
|
INTERSIL[Intersil Corporation]
|
2SJ302 2SJ302-Z |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 16A条(丁)|63VAR Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE High-speed switching P-ch power MOSFET 60V/16A
|
NEC, Corp. NEC Corp.
|
2SC4942 2SC4942AA3 2SC4942AA1 2SC4942AA2 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 1A I(C) | TO-243VAR NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
|
NEC Corp. NEC[NEC]
|
2SD2161 2SD2161L |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC Corp. NEC[NEC]
|
MAX942MSA_PR MAX941AUA-T MAX941EUA-T MAX94108 MAX9 |
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
|
Maxim Integrated Products
|
MAX94109 MAX941AUA-T MAX941CSA MAX941EPA MAX941CPA |
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
|
Maxim Integrated Produc... Maxim Integrated Products
|
2SC2885 2SC29461 2SC2946 2SC2946M 2SC29461M 2SC288 |
Silicon transistor SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 2A I(C) | TO-251AA SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁|甲一(c)|51AA NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING NPN硅外延晶体管高压高速开
|
Toshiba Semiconductor NEC[NEC] NEC Corp. NEC, Corp.
|
ATA6821 ATA6821-TUQ ATA6821-TUS |
Single-channel high-speed gate driver with push-pull output High Speed Power Driver IC
|
ATMEL Corporation Atmel Corp.
|
MJE170 MJE172 MJE171 MJE172STU MJE170STU MJE171STU |
PNP Epitaxial Silicon Transistor Low Power Audio Amplifier Low Current, High Speed Switching Applications Low Power Audio Amplifier Low Current / High Speed Switching Applications
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|